PART |
Description |
Maker |
LT6221CS8PBF LT6221CS8TR LT6221CDDPBF |
Single/Dual/Quad 60MHz, 20V/µs Low Power, Rail-to-Rail Input and Output Precision Op Amp; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 1 CHANNEL, VIDEO AMPLIFIER, PDSO8
|
LINEAR TECHNOLOGY CORP
|
MIC7111 MIC7111BM5 |
40000 SYSTEM GATE 3.3 VOLT LOGIC CELL AR - NOT RECOMMENDED for NEW DESIGN 1.8V IttyBitty⑩ Rail-to-Rail Input/Output Op Amp Preliminary Information 1.8V IttyBitty Rail-to-Rail Input/Output Op Amp Preliminary Information 1.8V IttyBittyTM Rail-to-Rail Input/Output Op Amp
|
Micrel Semiconductor,Inc. MICREL[Micrel Semiconductor]
|
LTC1152 LTC1152C LTC1152CN8 LTC1152CS8 LTC1152I LT |
From old datasheet system Rail-to-Rail Input Rail-to-Rail Output Zero-Drift Op Amp
|
LINER[Linear Technology]
|
LT1804CDD LT1803CS5TRMPBF LT1804IDD LT1805 LT1805C |
Single/Dual/Quad 100V/µs, 85MHz, Rail-to-Rail Input and Output Op Amps Single/Dual/Quad 100V/s, 85MHz, Rail-to-Rail Input and Output Op Amps Single/Dual/Quad 100V/µs, 85MHz, Rail-to-Rail Input and Output Op Amps; Package: DFN; No of Pins: 8; Temperature Range: 0°C to 70°C 2 CHANNEL, VIDEO AMPLIFIER, PDSO8 Single/Dual/Quad 100V/µs, 85MHz, Rail-to-Rail Input and Output Op Amps; Package: SO; No of Pins: 14; Temperature Range: 0°C to 70°C 4 CHANNEL, VIDEO AMPLIFIER, PDSO14 Single/Dual/Quad 100V/µs, 85MHz, Rail-to-Rail Input and Output Op Amps; Package: SOT; No of Pins: 5; Temperature Range: 0°C to 70°C 1 CHANNEL, VIDEO AMPLIFIER, PDSO5 Single/Dual/Quad 100V/ms, 85MHz, Rail-to-Rail Input and Output Op Amps
|
Linear Technology, Corp.
|
ADA4691-2 ADA4691-4 |
Low Power, Wideband, Low Noise, Rail-to-Rail Output, Dual Op Amp Low Power, 3.6 MH<span style="text-transform: lowercase">z</span>, Low Noise, Rail-to-Rail Output, Quad Op Amp
|
Analog Devices
|
LT1885 LT1884 LT1884CS8TR |
Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps(四路,满幅度输微微安培输入精密运算放大 Dual Rail-to-Rail Output, Picoamp Input Precision Op Amps(双路,满幅度输微微安培输入精密运算放大 Dual/Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C DUAL OP-AMP, 150 uV OFFSET-MAX, 2.2 MHz BAND WIDTH, PDSO8
|
Linear Technology Corporation Linear Technology, Corp.
|
PLA10AN2230R4D2B PLA10AN3030R4R2B PLA10AN3021R3R2B |
165MHz, Rail-to-Rail Input and Output, 0.95nV/rtHz Low Noise, Op Amp Family; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C CHOKE 30MH CHOKE 10MH 扼流0MH CHOKE 1.8MH 扼流.8MH 165MHz, Rail-to-Rail Input and Output, 0.95nV/rtHz Low Noise, Op Amp Family; Package: SOT; No of Pins: 6; Temperature Range: -40°C to 85°C 扼流MH Single/Dual/Quad Single Supply 3V, 100MHz Video Op Amps; Package: SOT; No of Pins: 5; Temperature Range: 0°C to 70°C 扼流.9MH 165MHz, Rail-to-Rail Input and Output, 0.95nV/rtHz Low Noise, Op Amp Family; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C 扼流0MH 165MHz, Rail-to-Rail Input and Output, 0.95nV/rtHz Low Noise, Op Amp Family; Package: SOT; No of Pins: 6; Temperature Range: -40°C to 85°C 扼流3MH
|
Murata Manufacturing Co., Ltd. Infineon Technologies AG Leshan Radio Company, Ltd. Integrated Silicon Solution, Inc.
|
LT1801CMS8PBF LT1801IS8PBF LT1801CS8TRPBF LT1801CD |
Dual 80MHz, 25V/µs Low Power Rail-to-Rail Input and Output Precision Op Amps; Package: MSOP; No of Pins: 8; Temperature Range: 0°C to 70°C 2 CHANNEL, VIDEO AMPLIFIER, PDSO8 Dual 80MHz, 25V/µs Low Power Rail-to-Rail Input and Output Precision Op Amps; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C 2 CHANNEL, VIDEO AMPLIFIER, PDSO8 Dual 80MHz, 25V/µs Low Power Rail-to-Rail Input and Output Precision Op Amps; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C Dual 80MHz, 25V/µs Low Power Rail-to-Rail Input and Output Precision Op Amps; Package: DFN; No of Pins: 8; Temperature Range: 0°C to 70°C Dual/Quad 80MHz, 25V/s Low Power Rail-to-Rail Input and Output Precision Op Amps
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
EL5223 EL5123 EL5123CY EL5123CY-T13 EL5123CY-T7 EL |
12MHz 4, 8, 10 & 12 Channel Rail-to-Rail Input-Output Buffers LENS, 18X18MM, ORANGE; Colour:Orange; Length / Height, external:18mm; Width, external:18mm RoHS Compliant: Yes QUAD BUFFER AMPLIFIER, PDSO10 12MHz 4, 8, 10 & 12 Channel Rail-to-Rail Input-Output Buffers 12 BUFFER AMPLIFIER, PDSO28 12MHz 4, 8, 10 & 12 Channel Rail-to-Rail Input-Output Buffers OCTAL BUFFER AMPLIFIER, PDSO20 12MHz 4, 8, 10 & 12 Channel Rail-to-Rail Input-Output Buffers 12 BUFFER AMPLIFIER, PQCC32 12MHz 4, 8, 10 & 12 Channel Rail-to-Rail Input-Output Buffers QUAD BUFFER AMPLIFIER, PDSO10 Sealing Tape; Tape Backing Material:Rubber; Width:0.75"; Roll Length:30ft; Color:Black RoHS Compliant: Yes 10 BUFFER AMPLIFIER, PDSO24
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|
ISL28194FHZ-T7 ISL28194FRUZ-T7 ISL2819408 ISL28195 |
Ultra-Small, 330nA and 1uA Single Supply, Rail-to-Rail Input/Output (RRIO) Op Amps Ultra-Small, 330nA and 1µA Single Supply, Rail-to-Rail Input/Output (RRIO) Op Amps; Temperature Range: Full-Range; Package: 6-SOT-23 T&R OP-AMP, 2500 uV OFFSET-MAX, 0.01 MHz BAND WIDTH, PDSO6
|
Intersil Corporation Intersil, Corp.
|
MIC730005 MIC7300YM5 MIC7300YMM MIC7300YM5TR |
OP-AMP, 9000 uV OFFSET-MAX, 0.45 MHz BAND WIDTH, PDSO5 High-Output Drive Rail-to-Rail Op Amp
|
MICREL INC Micrel Semiconductor
|
|